Part Number Hot Search : 
6856NVHZ 8255A 1N429B CLC3801 TDA726 E103K F640NS VIPER1
Product Description
Full Text Search
 

To Download APT30DS20HJ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  APT30DS20HJ APT30DS20HJ ? rev 0 november, 2009 www.microsemi.com 1-4 absolute maximum ratings symbol parameter max ratings unit v r maximum dc reverse voltage v rrm maximum peak repetitive reverse voltage 200 v t c = 25c 45 i f(av) maximum average forward current duty cycle = 50% t c = 80c 30 i fsm non-repetitive forward surge current 8.3ms t j = 45c 320 a these devices are sens itive to electrostatic discharge. prope r handling procedures should be followe d. see application note apt0502 on www.microsemi.com v rrm = 200v i f = 30a @ tc = 80c application ? switch mode power supplies rectifier ? induction heating ? welding equipment features ? ultra fast recovery times ? soft recovery characteristics ? high current ? very low stray inductance ? high level of integration ? isotop ? package (sot-227) benefits ? outstanding performance at high frequency operation ? low losses ? low noise switching ? direct mounting to heatsink (isolated package) ? low junction to case thermal resistance ? rohs compliant isotop ? schottky diode full bridge power module ~ ~ - +
APT30DS20HJ APT30DS20HJ ? rev 0 november, 2009 www.microsemi.com 2-4 all ratings @ t j = 25c unless otherwise specified electrical characteristics symbol characteristic test conditions min typ max unit i f = 30a 0.8 0.85 i f = 60a 0.91 v f diode forward voltage i f = 30a t j = 125c 0.67 v t j = 25c 0.5 i rm maximum reverse leakage current v r = 200v t j = 125c 15 ma c t junction capacitance v r = 200v 150 pf dynamic characteristics symbol characteristic test conditions min typ max unit t j = 25c 55 t rr reverse recovery time t j = 125c 100 ns t j = 25c 190 q rr reverse recovery charge t j = 125c 450 nc t j = 25c 6 i rrm reverse recovery current i f = 30a v r = 133v di/dt = 200a/s t j = 125c 9 a t rr reverse recovery time 70 ns q rr reverse recovery charge 960 nc i rrm reverse recovery current i f = 30a v r = 133v di/dt=700a/s t j = 125c 24 a thermal and package characteristics symbol characteristic min typ max unit r thjc junction to case thermal resistance 1.2 r thja junction to ambient 20 c/w v isol rms isolation voltage, any terminal to case t =1 min, i isol<1ma, 50/60hz 2500 v t j ,t stg storage temperature range -55 150 t l max lead temp for soldering:0.063? from case for 10 sec 300 c torque mounting torque (mounting = 8-32 or 4mm machine and terminals = 4mm machine) 1.5 n.m wt package weight 29.2 g
APT30DS20HJ APT30DS20HJ ? rev 0 november, 2009 www.microsemi.com 3-4 typical performance curve 0.9 0.7 0.5 0.3 0.1 0.05 single pulse 0 0.2 0.4 0.6 0.8 1 1.2 1.4 0.00001 0.0001 0.001 0.01 0.1 1 10 rectangular pulse duration (seconds) thermal impedance (c/w) maximum effective transient thermal impedance, junction to case vs pulse duration t j =25c t j =125c 0 10 20 30 40 50 60 0.0 0.2 0.4 0.6 0.8 1.0 v f , anode to cathode voltage (v) i f , forward current (a) forward current vs forward voltage i rrm vs. current rate of charge 15 a 30 a 60 a 5 10 15 20 25 30 35 0 200 400 600 800 -dif/dt (a/s) i rrm , reverse recovery current (a) t j =125c v r =133v trr vs. current rate of charge 15 a 30 a 60 a 20 40 60 80 100 120 0 200 400 600 800 -di f /dt (a/s) t rr , reverse recovery time (ns) t j =125c v r =133v q rr vs. current rate charge 15 a 30 a 60 a 0 300 600 900 1200 1500 1800 0 200 400 600 800 -dif/dt (a/s) q rr , reverse recovery charge (nc) t j =125c v r =133v capacitance vs. reverse voltage 0 250 500 750 1000 1250 1 10 100 1000 v r , reverse voltage (v) c, capacitance (pf)
APT30DS20HJ APT30DS20HJ ? rev 0 november, 2009 www.microsemi.com 4-4 sot-227 (isotop ? ) package outline 31.5 (1.240) 31.7 (1.248) dimensions in millimeters and (inches) 7.8 (.307) 8.2 (.322) 30.1 (1.185) 30.3 (1.193) 38.0 (1.496) 38.2 (1.504) 14.9 (.587) 15.1 (.594) 11.8 (.463) 12.2 (.480) 8.9 (.350) 9.6 (.378) hex nut m4 (4 places) 0.75 (.030) 0.85 (.033) 12.6 (.496) 12.8 (.504) 25.2 (0.992) 25.4 (1.000) 1.95 (.077) 2.14 (.084) r = 4.0 (.157) (2 places) 4.0 (.157) 4.2 (.165) (2 places) w=4.1 (.161) w=4.3 (.169) h=4.8 (.187) h=4.9 (.193) (4 places) 3.3 (.129) 3.6 (.143) 3.30 (.130) 4.57 (.180) isotop? is a registered trademark of st microelectronics nv microsemi reserves the right to change, without notice , the specifications and information contained herein microsemi's products are covered by one or more of u.s patents 4, 895,810 5,045,903 5,089,434 5,182,234 5,019,522 5,262,336 6,503,786 5,256,583 4,748,103 5,283,202 5,231,474 5,434,095 5,528,058 6,939,743 7,352,045 5,283,201 5,801,417 5,648,283 7,196,634 6,664,594 7,157,8 86 6,939,743 7,342,262 and foreign patents. u.s and foreign patents pending. all rights reserved.


▲Up To Search▲   

 
Price & Availability of APT30DS20HJ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X